Part Number Hot Search : 
92610 6TPE100 4AVC16 14051 AV772 ADF702 AO4918AL 74F545SC
Product Description
Full Text Search
 

To Download SMCJ24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 440 Volts 1500 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition rate (duty cycle):0.01% * Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94 V-O
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 16mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.021 grams)
Dimensions in inches (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SMCJ5.0 thru types SMCJ440 (e.g. SMCJ5.0C, SMCJ440CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1, 2, Fig.1) Peak Pulse Current of on 10/1000 s waveform (Note 1,Fig 3) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range NOTES:
SYMBOL PPPM
IPPM
VALUE
Minimum 1500 SEE TABLE 1 200 -55 +150
UNITS
Watts Amps Amps C
IFSM
TJ, TSTG
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES SMCJ SERIES
Fig. 1 - Peak Pulse Power Rating
100
Fig.2 - Pulse Derating Curve
Peak Pulse Power (P ) or Current (IPP) PP Derating in Percentage,%
100 87.5 75 62.5 50 37.5 25 12.5 0 0 0.2 0.4 0.6 0.8 1 1.2
PPPM-Peak Pulse Power (kW)
10
1
0.31x0.31"(8.0x8.0mm) Copper Pad Areas
0.1
0.1s
1.0s
10s
100s
1.0ms
10ms
td - Pulse Width (sec.)
100000
TA - Ambient Temperature (C)
Fig.4 - Typical Junction Capacitance Uni-Directional
Fig.3 - Pulse Waveform
150
20000 10000 Measured at Zero Bias
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C
CJ - Junction Capacitance(pF)
Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
1000 VR,Measured at Stand-Off Voltage, VWM 100 TJ = 25C f = 1.0MHZ Vsig = 50mVp-p 100
50
10/1000sec.Waveform as defined by R.E.A.
Uni-Directional Bi-Directional
1000
400
td
0 0 1.0 2.0 3.0 3.0
10
4.0
4.0
1.0
10
400
t - Time(ms)
VWM - Reverse Stand-Off Voltage (V)
1000
Fig. 5 - Typ.Transient Thermal Impedance
100
Transient Thermal Impedance ( /W)
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Use Only
200
10
1 1.0
Peak Forward Surge Current,Amperes
100
8.3ms Single Half Sine-Wave (JEDEC Method) TJ = TJ max,
0.1 0.001 0.01 0.1 1 10 100 1000
10 1 10 100
tp-Pulse Duration (sec)
Number of Cycles at 60 Hz
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
1500 Watt Surface Mount TVS
UNI-POLAR BI-POLAR DEVICE MARKING CODE MAXIMUM REVERSE BREAKDOWN BREAKDOWN TEST VOLTAGE CURRENT CLAMPING VOLTAGE STANDOFF VBR (V) VBR (V) VOLTAGE VOLTAGE (IT ) @IPP VC (V) VRWM (V) MIN. @ IT MAX. @ IT mA 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 222.00 247.00 272.00 309.00 371.00 432.00 494.00 543.00 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 292.0 324.0 356.0 405.0 486.0 567.0 648.0 713.0 PEAK PULSE CURRENT IPP (A) 163.0 145.7 134.0 125.0 116.3 110.3 104.2 97.4 88.3 82.5 75.4 69.8 64.7 61.5 57.7 54.4 51.4 46.3 42.3 38.6 35.7 33.1 31.0 28.2 25.9 23.3 21.7 20.6 19.4 18.2 17.3 16.1 15.5 14.6 13.3 12.4 11.9 11.0 10.3 9.3 8.5 7.8 7.2 6.2 5.8 5.5 5.1 4.6 4.2 3.7 3.1 2.6 2.3 2.1 REVERSE LEAKAGE @ VRWM IR (A) 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
UNI BI SMCJ5.0A SMCJ5.0CA 5.00 6.40 GDE BDE 6.00 6.67 SMCJ6.0A SMCJ6.0CA GDG BDG 6.50 7.22 SMCJ6.5A SMCJ6.5CA GDK BDK 7.00 7.78 SMCJ7.0A SMCJ7.0CA GDM BDM 7.50 8.33 SMCJ7.5A SMCJ7.5CA GDP BDP 8.00 8.89 SMCJ8.0A SMCJ8.0CA GDR BDR 8.50 9.44 SMCJ8.5A SMCJ8.5CA GDT BDT 9.00 10.00 SMCJ9.0A SMCJ9.0CA GDV BDV 10.00 11.10 SMCJ10A SMCJ10CA GDX BDX 11.00 12.20 SMCJ11A SMCJ11CA GDZ BDZ 12.00 13.30 SMCJ12A SMCJ12CA GEE BEE 13.00 14.40 SMCJ13A SMCJ13CA GEG BEG 14.00 15.60 SMCJ14A SMCJ14CA GEK BEK 15.00 16.70 SMCJ15A SMCJ15CA GEM BEM 16.00 17.80 SMCJ16A SMCJ16CA GEP BEP 17.00 18.90 SMCJ17A SMCJ17CA GER BER 18.00 20.00 SMCJ18A SMCJ18CA GET BET 20.00 22.20 SMCJ20A SMCJ20CA GEV BEV 22.00 24.40 SMCJ22A SMCJ22CA GEX BEX 24.00 26.70 SMCJ24A SMCJ24CA GEZ BEZ 26.00 28.90 SMCJ26A SMCJ26CA GFE BFE 28.00 31.10 SMCJ28A SMCJ28CA GFG BFG 30.00 33.30 SMCJ30A SMCJ30CA GFK BFK 33.00 36.70 SMCJ33A SMCJ33CA GFM BFM 36.00 40.00 SMCJ36A SMCJ36CA GFP BFP 40.00 44.40 SMCJ40A SMCJ40CA GFR BFR 43.00 47.80 SMCJ43A SMCJ43CA GFT BFT 45.00 50.00 SMCJ45A SMCJ45CA GFV BFV 48.00 53.30 SMCJ48A SMCJ48CA GFX BFX 51.00 56.70 SMCJ51A SMCJ51CA GFZ BFZ 54.00 60.00 SMCJ54A SMCJ54CA GGE BGE 58.00 64.40 SMCJ58A SMCJ58CA GGG BGG 60.00 66.70 SMCJ60A SMCJ60CA GGK BGK 64.00 71.10 SMCJ64A SMCJ64CA GGM BGM 70.00 77.80 SMCJ70A SMCJ70CA GGP BGP 75.00 83.30 SMCJ75A SMCJ75CA GGR BGR 78.00 86.70 SMCJ78A SMCJ78CA GGT BGT 85.00 94.40 SMCJ85A SMCJ85CA GGV BGV 90.00 100.00 SMCJ90A SMCJ90CA GGX BGX 100.00 111.00 SMCJ100A SMCJ100CA GGZ BGZ 110.00 122.00 SMCJ110A SMCJ110CA GHE BHE 120.00 133.00 SMCJ120A SMCJ120CA GHG BHG 130.00 144.00 SMCJ130A SMCJ130CA GHK BHK 150.00 167.00 SMCJ150A SMCJ150CA GHM BHM 160.00 178.00 SMCJ160A SMCJ160CA GHP BHP 170.00 189.00 SMCJ170A SMCJ170CA GHR BHR 180.00 201.00 SMCJ180A SMCJ180CA GHT BHT 200.00 224.00 SMCJ200A SMCJ200CA GHV BHV 220.00 246.00 SMCJ220A SMCJ220CA GHX BHX 250.00 279.00 SMCJ250A SMCJ250CA GHZ BHZ 300.00 335.00 SMCJ300A SMCJ300CA GJE BJE 350.00 391.00 SMCJ350A SMCJ350CA GJG BJG 400.00 447.00 SMCJ400A SMCJ400CA GJK BJK 440.00 492.00 SMCJ440A SMCJ440CA GJM BJM For bidirectional type having Vrwm of 10 volts and less, the IR limit is double For parts without A , the VBR is + 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of SMCJ24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X